Part Number Hot Search : 
B9425 UP04401 CGRC504 TA8029 FTSO5833 125VDC 1PBWA CDA07
Product Description
Full Text Search
 

To Download 2SC3669 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SC3669
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process)
2SC3669
Power Amplifier Applications Power Switching Applications
Unit: mm
* * *
Low collector saturation voltage: VCE (sat) = 0.5 V (max) (IC = 1 A) High-speed switching: tstg = 1.0 s (typ.) Complementary to 2SA1429
Maximum Ratings (Ta = 25C)
Characteristics Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Collector power dissipation Junction temperature Storage temperature range Symbol VCBO VCEO VEBO IC IB PC Tj Tstg Rating 80 80 5 2 1 1000 150 -55 to 150 Unit V V V A A mW C C
JEDEC JEITA TOSHIBA
2-7D101A
Electrical Characteristics (Ta = 25C)
Characteristics Collector cut-off current Emitter cut-off current Collector-emitter breakdown voltage Symbol ICBO IEBO V (BR) CEO hFE (1) DC current gain (Note) hFE (2) Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Collector output capacitance Turn-on time VCE (sat) VBE (sat) fT Cob ton IB1 Test Condition VCB = 80 V, IE = 0 VEB = 5 V, IC = 0 IC = 10 mA, IB = 0 VCE = 2 V, IC = 0.5 A VCE = 2 V, IC = 1.5 A IC = 1 A, IB = 0.05 A IC = 1 A, IB = 0.05 A VCE = 2 V, IC = 0.5 A VCB = 10 V, IE = 0, f = 1 MHz
Weight: 0.2 g (typ.)
Min 80 70 40 Output 30
Typ. 0.15 0.9 100 30 0.2
Max 1.0 1.0 240 0.5 1.2
Unit A A V
V V MHz pF
20 s
Input IB2
IB1 IB2
Switching time
Storage time
tstg
1.0
s
VCC = 30 V Fall time tf IB1 = -IB2 = 0.05 A, duty cycle 1% 0.2
Note: hFE (1) classification
O: 70 to 140, Y: 120 to 240
1
2004-07-07
2SC3669
Marking
C3669
Part No. (or abbreviation code) Lot No.
Characteristics indicator
A line indicates lead (Pb)-free package or lead (Pb)-free finish.
2
2004-07-07
2SC3669
IC - VCE
2.0 35 25 1 20
VCE - IC
Common emitter
(V)
15
Ta = 25C 0.8 IB = 5 mA 0.6 10 15 20 30
IC (A)
Collector current
1.2
0.8
Collector-emitter voltage
10
VCE
IB = 5 mA Common emitter Ta = 25C 0 2 4 6 8 10 12
1.6
0.4 40 0.2 50
0.4
0 0
0 0
0.4
0.8
1.2
1.6
2.0
2.4
Collector-emitter voltage
VCE
(V)
Collector current IC (A)
VCE - IC
1 Common emitter 1
VCE - IC
Common emitter
(V)
Ta = 100C 0.8 IB = -5 mA 0.6 10 15 20 30 40
(V)
VCE
VCE
0.8
IB = 5 mA 10 15 20 30 40
Ta = -55C 50
Collector-emitter voltage
Collector-emitter voltage
0.6
0.4
50
0.4
70
0.2
0.2
)
0 0 0.4 0.8 1.2 1.6 2.0 2.4 0 0
0.4
0.8
1.2
1.6
2.0
2.4
Collector current IC (A)
Collector current IC
(A)
hFE - IC
500 0.5
VCE (sat) - IC
Collector-emitter saturation voltage VCE (sat) (V)
Common emitter VCE = 2 V Common emitter 0.3 IC/IB = 20
300
hFE
Ta = 100C 100 50 30
DC current gain
25 -55
0.1
Ta = 100C
0.05 0.03 -55
25
10 0.01
0.03
0.1
0.3
1
2
0.01 0.01
0.03 0.05
0.1
0.3 0.5
1
Collector current IC (A)
Collector current
IC (A)
3
2004-07-07
2SC3669
VBE (sat) - IC
Base-emitter saturation voltage VBE (sat) (V)
3 Common emitter IC/IB = 20 1 Ta = -55C 1.6 2.0 Common emitter VCE = 2 V
IC - VBE
0.5 0.3
100
25
IC (A) Collector current
1.2
0.8
Ta = 100C
25
-55
0.1 0.01
0.03 0.05
0.1
0.3
0.5
1
2
0.4
Collector current IC (A)
0 0 0.2 0.4 0.6 0.8 1.0 1.2 1.6
Base-emitter voltage
VBE
(V)
4
2004-07-07
2SC3669
RESTRICTIONS ON PRODUCT USE
* The information contained herein is subject to change without notice.
030619EAA
* The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA for any infringements of patents or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of TOSHIBA or others. * TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the "Handling Guide for Semiconductor Devices," or "TOSHIBA Semiconductor Reliability Handbook" etc.. * The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury ("Unintended Usage"). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document shall be made at the customer's own risk. * TOSHIBA products should not be embedded to the downstream products which are prohibited to be produced and sold, under any law and regulations.
5
2004-07-07


▲Up To Search▲   

 
Price & Availability of 2SC3669

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X